| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PS081 bảng dữ liệu(PDF) 27 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
PS081 bảng dữ liệu(HTML) 27 Page - ams AG |
|
27 / 155 page ![]() acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de 3-4 1 PSØ81 When using a standard PCB with cooper layers 35 µm thick, the SG_A1 trace on the PCB from the chip to the connecting pads of the load cell should be ( t.b.d.) mm longer than the SG_A2 trace (if a width of 8 mil is used). This compensation method is very reliable and stable an gives a zero drift behavior deeply within OIML specifications. 3.3.2 Full Bridge Figure 3.4 Connecting a full bridge Note: This is the standard PICOSTRAIN bridge (a full bridge made of 2 half bridges with a single Rspan resistor optionally). The bridge setting is 1 (register 3, bridge[1:0] = 1). The multiplication factors should have positive sign, e.g. Mult_Hb1 = +1, Mult_Hb2 = +1. Therefore, it is necessary to follow exactly the wiring with respect to positive and negative strain. Existing sensors with Wheatstone bridge connection can be adopted easily by changing the wiring in the patch-field of the load cell as shown in the following picture: Figure 3.5 Adapted load cell wiring Member of the ams Group |