| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PS081 bảng dữ liệu(PDF) 69 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
PS081 bảng dữ liệu(HTML) 69 Page - ams AG |
|
69 / 155 page ![]() acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de 4-12 1 PSØ81 for segment lcd_pos[]= a 0 b 1 c 2 d 3 e 4 f 5 g 6 h 7 i 8 4.2.6 Setting the Segment Position Each segment of the configuration bits lcd_segment can be linked to an arbitrary crossing of the line and common drivers. This offers a high flexibility and allows to connect existing LCD’s. Limitations: The segment lines and eventually common lines 3,4 have to be connected to the right digit of the display. The order within one digit is free. Otherwise the command no2lcd will mix up the digits. In register lcd_segment the program sets the segments to be displayed. lcd_pos defines which bit in lcd_segment refers to the one out of the 8 target segments. Example: 4xMux Display Defaut Wiring for the PSØ81: Last digit to the left Last digit to the right Seg Seg Seg Seg ... ... ... Seg Seg 14 13 12 11 ... ... ... 2 1 Com1 lcd_pos [14...12] lcd_pos [2...0] lcd_pos [14...12] lcd_pos [2...0] ... ... ... lcd_pos [14...12] lcd_pos [2...0] Com2 lcd_pos [17...15] lcd_pos [5...3] lcd_pos [17...15] lcd_pos [5...3] ... ... ... lcd_pos [17...15] lcd_pos [5...3] Com3 lcd_pos [20...18] lcd_pos [8...6] lcd_pos [20...18] lcd_pos [8...6] ... ... ... lcd_pos [20...18] lcd_pos [8...6] Com4 lcd_pos [23...21] lcd_pos [11...9] lcd_pos [23...21] lcd_pos [11...9] ... ... ... lcd_pos [23...21] lcd_pos [11...9] Figure 4.9 4mux-digit.gif Member of the ams Group |