công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPS80FP bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện OTPS80FP
Giải thích chi tiết về linh kiện  enclosed switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

OTPS80FP bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  OTPS80FP Datasheet HTML 1Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 2Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 3Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 4Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 5Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 6Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 7Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 8Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 | Enclosed switches - eOT
Technical data
Enclosed switches
Enclosed disconnect switches
eOT16
eOT32
eOT45
eOT63
eOT30
eOT60
eOT100
Approvals
3pole
UL 508
UL 508
UL 508
UL 508
UL 98
UL 98
UL 98
UL Amperage Rating
16
40
60
80
30
60
100
Max Horsepower rating
Three Phase
200V-208V
HP
3
10
15
20
240V
HP
6
10
15
20
10
20
30
480V
HP
10
20
30
40
20
40
50
600V
HP
10
25
30
40
30
40
50
Single Phase
120V
HP
1
2
2
2
2
3
5
240V
HP
2
5
7.5
10
5
7.5
15
Interrupting Capacity (SCCR) with fuse
Fuse Type CC
kA
10/-
10/-
-/-
-/-
Fuse Type J
kA
10/10
10/10
100/-
100/-
50/200
50/200
50/200
Fuse Type T
kA
10/10
10/10
100/-
100/-
50/200
50/200
50/200
Fuse Type RK1
kA
10/-
10/-
-/-
-/-
Fuse Type RK5
kA
5/5
5/5
10/5
10/5
Fuse Type L
kA
-/-
-/-
-/-
-/-
Fuse Type H
kA
-/-
-/-
-/5
-/5
Maximum Fuse Size
A
30/601)
30/601)
100/150
100/150
60/60
150/60
150/100
Endurances
Min. electrical endurance power
factor
0.75...0.8
op. cycles
6000
6000
6000
6000
6000
6000
6000
0.40...0.50
op. cycles
1000
1000
1000
1000
Mechanical endurance
operations
20000
20000
20000
20000
20000
20000
20000
Switch operating torque
lbs. in.
8.8
8.8
10.5
10.5
17.6
17.6
17.6
Knock-outs
Plastic enclosure
Ends
4x1/2” or 4x3/4”
4x1/2" or 4x 3/4"
4x3/4" or 4x1"
4x1" or 4x1 1/4"
Metallic enclosure
Ends
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
4x3/4" or 4x1/2" +
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
2x1" or 2x3/4"
Terminal Lug Kits
Not required
Not required
Not required
Not required
Not required
Not required
Not required
Wire Range
AWG
#18-8
#18-8
#14-4
#14-4
#14-4
#14-4
#8-1/0
Wire Tightening Torque
lbs. in.
7
7
18
18
55
55
55
Lug Mounting
lbs. in.
Integral
Integral
Integral
Integral
Integral
Integral
Integral
Auxiliary Contacts
Auxiliary Contacts
Plastic enclosure
OA1G_ or OA2G11
OA1G_ or OA2G11
OA1G_ or OA2G11
OA1G_ or OA2G11
OA1G_
OA1G_
OA1G_
Metallic enclosure
OA1G_
OA1G_
OA1G_
OA1G_
OA1G_
OA1G_
OA1G_
NEMA ratings, AC
AC600
AC600
AC600
AC600
AC600
AC600
AC600
AC rated voltage
VAC
600
600
600
600
600
600
600
AC rated thermal current
A
10
10
10
10
10
10
10
AC maximum volt-ampere
making
VAC
7200
7200
7200
7200
7200
7200
7200
AC maximum volt-amperage
breaking
VAC
720
720
720
720
720
720
720
NEMA ratings, DC
R300
R300
R300
R300
R300
R300
R300
DC rated voltage
VDC
300
300
300
300
300
300
300
DC thermal rated current
A
1
1
1
1
1
1
1
DC maximum make-break
VA
28
28
28
28
28
28
28
Torque: wire tightening
lbs. in.
7
7
7
7
7
7
7
Wire Range
AWG
#18-14
#18-14
#18-14
#18-14
#18-14
#18-14
#18-14
1)
Fuse size 70A for RK5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com