công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPS80FP bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện OTPS80FP
Giải thích chi tiết về linh kiện  enclosed switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

OTPS80FP bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  OTPS80FP Datasheet HTML 1Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 2Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 3Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 4Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 5Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 6Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 7Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 8Page - List of Unclassifed Manufacturers OTPS80FP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Enclosed switches - eOT | 3
Outstanding features
– cUL approval, UL508 and 98 Listed
– Suitable as motor disconnect
– Horsepower rated
– Touch safe construction
– Positive operation
– Clear position indication
– Self lifting tunnel terminals
– Extremely compact size
– Accessories
– 4th power pole
– Snap-on auxiliary contacts
Cutting edge design and technology. eOT
ensures reliable switching time after time.
Clean and simple installation
Plastic and Type 1 enclosures have
conduit knockouts provided on the top
and bottom of the enclosure.
Plastic enclosures have a metallic base
plate that electrically bonds together all
conduit hubs installed in the top and
bottom of the enclosure - additional
conduit bonding jumpers are not required.
Plastic enclosure installs flush on
mounting surface, reducing the accu-
mulation of dirt behind the enclosure.
Sealed enclosure cover is water tight,
suitable for hose-down environments
(Type 4X version only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com