| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H7CX-R11W-N bảng dữ liệu(PDF) 32 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-R11W-N bảng dữ liệu(HTML) 32 Page - Omron Electronics LLC |
|
32 / 56 page ![]() 32 H7CX-A @-N Tachometer ON Count Alarm Set Values for Outputs 1 and 2 (OUT1 and OUT2) ( on1a and on2a) Set the ON count alarm values for the outputs 1 and 2. The limit can be set to between 0 × 1000 (0 times) and 9999 × 1000 (9,999,000 times). Only the underlined values are set. The alarm will be disabled if 0 is set. If the total ON count of instantaneous output 1 or 2 exceeds the alarm set value, e3 will be displayed on the Timer to indicate that the output ON count alarm value was exceeded. Refer to Self-diagnostic Function on page page 36 for information on the e3 display. ON Count Monitor Values for Outputs 1 and 2 (OUT1 and OUT2) ( on1c and on2c) The monitor value for output 1 or 2 is only displayed. It cannot be set. The output ON count will be 1,000 times the displayed value. |