công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

80C32EBPN bảng dữ liệu(PDF) 37 Page - NXP Semiconductors

tên linh kiện 80C32EBPN
Giải thích chi tiết về linh kiện  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C32EBPN bảng dữ liệu(HTML) 37 Page - NXP Semiconductors

Back Button 80C32EBPN Datasheet HTML 33Page - NXP Semiconductors 80C32EBPN Datasheet HTML 34Page - NXP Semiconductors 80C32EBPN Datasheet HTML 35Page - NXP Semiconductors 80C32EBPN Datasheet HTML 36Page - NXP Semiconductors 80C32EBPN Datasheet HTML 37Page - NXP Semiconductors 80C32EBPN Datasheet HTML 38Page - NXP Semiconductors 80C32EBPN Datasheet HTML 39Page - NXP Semiconductors 80C32EBPN Datasheet HTML 40Page - NXP Semiconductors 80C32EBPN Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
7
PIN DESCRIPTIONS (Continued)
PIN NUMBER
MNEMONIC
DIP
LCC
QFP
TYPE
NAME AND FUNCTION
P3.0–P3.7
10–17
11,
13–19
5,
7–13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs,
port 3 pins that are externally being pulled low will source current because of the pull-ups.
(See DC Electrical Characteristics: IIL). Port 3 also serves the special features of the 80C51
family, as listed below:
10
11
5
I
RxD (P3.0): Serial input port
11
13
7
O
TxD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt
13
15
9
I
INT1 (P3.3): External interrupt
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
RST
9
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the
device. An internal diffused resistor to VSS permits a power-on reset using only an external
capacitor to VCC.
ALE
30
33
27
O
Address Latch Enable: Output pulse for latching the low byte of the address during an
access to external memory. In normal operation, ALE is emitted at a constant rate of 1/6 the
oscillator frequency, and can be used for external timing or clocking. Note that one ALE
pulse is skipped during each access to external data memory. ALE can be disabled by
setting SFR auxiliary.0. With this bit set, ALE will be active only during a MOVX instruction.
PSEN
29
32
26
O
Program Store Enable: The read strobe to external program memory. When the
80C52/80C54/80C58 is executing code from the external program memory, PSEN is
activated twice each machine cycle, except that two PSEN activations are skipped during
each access to external data memory. PSEN is not activated during fetches from internal
program memory.
EA
31
35
29
I
External Access Enable: EA must be externally held low to enable the device to fetch code
from external program memory locations 0000H and 7FFFH. If EA is held high, the device
executes from internal program memory unless the program counter contains an address
greater than 7FFFH. If security bit 1 is programmed, EA will be internally latched on Reset.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.
NOTE:
To avoid “latch-up” effect at power-on, the voltage on any pin at any time must not be higher than VCC + 0.5V or VSS – 0.5V, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com