công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

80C32EBPN bảng dữ liệu(PDF) 14 Page - NXP Semiconductors

tên linh kiện 80C32EBPN
Giải thích chi tiết về linh kiện  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C32EBPN bảng dữ liệu(HTML) 14 Page - NXP Semiconductors

Back Button 80C32EBPN Datasheet HTML 10Page - NXP Semiconductors 80C32EBPN Datasheet HTML 11Page - NXP Semiconductors 80C32EBPN Datasheet HTML 12Page - NXP Semiconductors 80C32EBPN Datasheet HTML 13Page - NXP Semiconductors 80C32EBPN Datasheet HTML 14Page - NXP Semiconductors 80C32EBPN Datasheet HTML 15Page - NXP Semiconductors 80C32EBPN Datasheet HTML 16Page - NXP Semiconductors 80C32EBPN Datasheet HTML 17Page - NXP Semiconductors 80C32EBPN Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
Philips Semiconductors
Product specification
80C32/87C52
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
14
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V (87C52)
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V (80C32)
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP1
MAX
UNIT
VIL
Input low voltage, except EA7
–0.5
0.2VCC–0.1
V
VIL1
Input low voltage to EA7
0
0.2VCC–0.3
V
VIH
Input high voltage, except XTAL1, RST7
0.2VCC+0.9
VCC+0.5
V
VIH1
Input high voltage, XTAL1, RST7
0.7VCC
VCC+0.5
V
VOL
Output low voltage, ports 1, 2, 39
IOL = 1.6mA2
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN9
IOL = 3.2mA2
0.45
V
VOH
Output high voltage, ports 1, 2, 3, ALE, PSEN3
IOH = –60µA,
IOH = –25µA
IOH = –10µA
2.4
0.75VCC
0.9VCC
V
V
V
VOH1
Output high voltage (port 0 in external bus mode)
IOH = –800µA,
IOH = –300µA
IOH = –80µA
2.4
0.75VCC
0.9VCC
V
V
V
IIL
Logical 0 input current, ports 1, 2, 37
VIN = 0.45V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 37
See note 4
–650
µA
ILI
Input leakage current, port 0
VIN = VIL or VIH
±10
µA
ICC
Power supply current:7
Active mode @ 16MHz5
Idle mode @ 16MHz
Power-down mode
Tamb = 0 to 70°C
Tamb = –40 to +85°C
See note 6
11.5
1.3
3
32
5
50
75
mA
mA
µA
µA
RRST
Internal reset pull-down resistor
50
300
k
Ω
CIO
Pin capacitance10
15
pF
NOTES:
1. Typical ratings are not guaranteed. The values listed are at room temperature, 5V.
2. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5mA and no more than two outputs exceed the test conditions.
3. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VCC specification when the
address bits are stabilizing.
4. Pins of ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
5. ICCMAX at other frequencies is given by: Active mode: ICCMAX = 1.5 × FREQ + 8.0: Idle mode: ICCMAX = 0.14 × FREQ +2.31,
where FREQ is the external oscillator frequency in MHz. ICCMAX is given in mA. See Figure 12.
6. See Figures 13 through 16 for ICC test conditions.
7. These values apply only to Tamb = 0°C to +70°C. For Tamb = –40°C to +85°C, see table on previous page.
8. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
9. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA (*NOTE: This is 85
°C specification.)
Maximum IOL per 8-bit port:
26mA
Maximum total IOL for all outputs:
67mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
10. This limit is for plastic packages. For ceramic packages, the maximum limit is 20pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com