công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

80C32EBPN bảng dữ liệu(PDF) 36 Page - NXP Semiconductors

tên linh kiện 80C32EBPN
Giải thích chi tiết về linh kiện  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C32EBPN bảng dữ liệu(HTML) 36 Page - NXP Semiconductors

Back Button 80C32EBPN Datasheet HTML 32Page - NXP Semiconductors 80C32EBPN Datasheet HTML 33Page - NXP Semiconductors 80C32EBPN Datasheet HTML 34Page - NXP Semiconductors 80C32EBPN Datasheet HTML 35Page - NXP Semiconductors 80C32EBPN Datasheet HTML 36Page - NXP Semiconductors 80C32EBPN Datasheet HTML 37Page - NXP Semiconductors 80C32EBPN Datasheet HTML 38Page - NXP Semiconductors 80C32EBPN Datasheet HTML 39Page - NXP Semiconductors 80C32EBPN Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
6
PLASTIC LEADED CHIP CARRIER PIN FUNCTIONS
LCC
6140
7
17
39
29
18
28
Pin
Function
1
NC*
2
P1.0/T2
3
P1.1/T2EX
4
P1.2
5
P1.3
6
P1.4
7
P1.5
8
P1.6
9
P1.7
10
RST
11
P3.0/RxD
12
NC*
13
P3.1/TxD
14
P3.2/INT0
15
P3.3/INT1
Pin
Function
16
P3.4/T0
17
P3.5/T1
18
P3.6/WR
19
P3.7/RD
20
XTAL2
21
XTAL1
22
VSS
23
NC*
24
P2.0/A8
25
P2.1/A9
26
P2.2/A10
27
P2.3/A11
28
P2.4/A12
29
P2.5/A13
30
P2.6/A14
Pin
Function
31
P2.7/A15
32
PSEN
33
ALE
34
NC*
35
EA
36
P0.7/AD7
37
P0.6/AD6
38
P0.5/AD5
39
P0.4/AD4
40
P0.3/AD3
41
P0.2/AD2
42
P0.1/AD1
43
P0.0/AD0
44
VCC
SU00741A
* DO NOT CONNECT
PLASTIC QUAD FLAT PACK PIN FUNCTIONS
PQFP
44
34
1
11
33
23
12
22
Pin
Function
1
P1.5
2
P1.6
3
P1.7
4
RST
5
P3.0/RxD
6
NC*
7
P3.1/TxD
8
P3.2/INT0
9
P3.3/INT1
10
P3.4/T0
11
P3.5/T1
12
P3.6/WR
13
P3.7/RD
14
XTAL2
15
XTAL1
Pin
Function
16
VSS
17
NC*
18
P2.0/A8
19
P2.1/A9
20
P2.2/A10
21
P2.3/A11
22
P2.4/A12
23
P2.5/A13
24
P2.6/A14
25
P2.7/A15
26
PSEN
27
ALE
28
NC*
29
EA
30
P0.7/AD7
Pin
Function
31
P0.6/AD6
32
P0.5/AD5
33
P0.4/AD4
34
P0.3/AD3
35
P0.2/AD2
36
P0.1/AD1
37
P0.0/AD0
38
VCC
39
NC*
40
P1.0/T2
41
P1.1/T2EX
42
P1.2
43
P1.3
44
P1.4
SU00742A
* DO NOT CONNECT
PIN DESCRIPTIONS
PIN NUMBER
MNEMONIC
DIP
LCC
QFP
TYPE
NAME AND FUNCTION
VSS
20
22
16
I
Ground: 0V reference.
VCC
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle, and power-down
operation.
P0.0–0.7
39–32
43–36
37–30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to
them float and can be used as high-impedance inputs. Port 0 is also the multiplexed
low-order address and data bus during accesses to external program and data memory. In
this application, it uses strong internal pull-ups when emitting 1s. Port 0 also outputs the
code bytes during program verification. External pull-ups are required during program
verification.
P1.0–P1.7
1–8
2–9
40–44,
1–3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs,
port 1 pins that are externally pulled low will source current because of the internal pull-ups.
(See DC Electrical Characteristics: IIL). Port 1 also receives the low-order address byte
during program memory verification. Alternate functions include:
1
2
40
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
2
3
41
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control
3
4
42
I
4
5
43
I/O
5
6
44
I/O
6
7
1
I/O
7
8
2
I/O
8
9
3
I/O
P2.0–P2.7
21–28
24–31
18–25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs,
port 2 pins that are externally being pulled low will source current because of the internal
pull-ups. (See DC Electrical Characteristics: IIL). Port 2 emits the high-order address byte
during fetches from external program memory and during accesses to external data memory
that use 16-bit addresses (MOVX @DPTR). In this application, it uses strong internal
pull-ups when emitting 1s. During accesses to external data memory that use 8-bit
addresses (MOV @Ri), port 2 emits the contents of the P2 special function register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com