| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
286C6116FSC bảng dữ liệu(PDF) 40 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
286C6116FSC bảng dữ liệu(HTML) 40 Page - Zilog, Inc. |
|
40 / 46 page ![]() 40 Z86C61/62/96 Z8® MICROCONTROLLER MODE dst/src OPC dst OPC MODE OPC src dst OPC VALUE OPC OPC MODE src/dst dst/src OPC src/dst dst/src OPC VALUE dst OPC RA dst/CC 7FH FFH 6FH OPC dst dst/src 1 1 1 0 dst 1 1 1 0 src 1 1 1 0 MODE src OPC dst MODE dst OPC VALUE OPC src MODE dst OPC MODE ADDRESS x dst/src OPC DAU cc DAL DAU DAL OPC src 1 1 1 0 dst 1 1 1 0 dst 1 1 1 0 src 1 1 1 0 dst 1 1 1 0 CLR, CPL, DA, DEC, DECW, INC, INCW, POP, PUSH, RL, RLC, RR, RRC, SRA, SWAP JP, CALL (Indirect) OR OR OR OR OR OR OR SRP ADC, ADD, AND, CP, OR, SBC, SUB, TCM, TM, XOR LD, LDE, LDEI, LDC, LDCI LD LD DJNZ, JR STOP/HALT LD LD JP CALL ADC, ADD, AND, CP, LD, OR, SBC, SUB, TCM, TM, XOR ADC, ADD, AND, CP, LD, OR, SBC, SUB, TCM, TM, XOR One-Byte Instructions Two-Byte Instructions Three-Byte Instructions CCF, DI, EI, IRET, NOP, RCF, RET, SCF OR INSTRUCTION FORMATS INSTRUCTION SUMMARY Note: Assignment of a value is indicated by the symbol “ ← ”. For example: dst ← dst + src indicates that the source data is added to the destination data and the result is stored in the destination location. The notation “addr (n)” is used to refer to bit (n) of a given operand location. For example: dst (7) refers to bit 7 of the destination operand. |