| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
286C6116FSC bảng dữ liệu(PDF) 16 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
286C6116FSC bảng dữ liệu(HTML) 16 Page - Zilog, Inc. |
|
16 / 46 page ![]() 16 Z86C61/62/96 Z8® MICROCONTROLLER PIN FUNCTIONS (Continued) Port 3 (P37-P30). Port 3 is an 8-bit, CMOS compatible four- fixed input and four-fixed output port. These eight I/O lines have four-fixed (P33-P30) input and four-fixed (P37- P34) output ports. Port 3, when used as serial I/O, are programmed as serial in and serial out, respectively (Figure 13). Out In PAD MCU Port 3 (I/O or Control) Auto Latch R ≈ 500 KΩ PAD Port 3 Output Configuration Port 3 Input Configuration Figure 13. Port 3 Configuration |