| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
286C6116FSC bảng dữ liệu(PDF) 36 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
286C6116FSC bảng dữ liệu(HTML) 36 Page - Zilog, Inc. |
|
36 / 46 page ![]() 36 Z86C61/62/96 Z8® MICROCONTROLLER Z8 CONTROL REGISTER DIAGRAMS (Continued) Figure 41. Interrupt Mask Register (FB H: Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 R253 RP Expanded Register Pointer Working Register Pointer Figure 43. Register Pointer Register (FD H: Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Stack Pointer Upper Byte (SP15 - SP8) R254 SPH D7 D6 D5 D4 D3 D2 D1 D0 1 Enables RAM Protect 1 Enables IRQ5-IRQ0 (D0 = IRQ0) 1 Enables Interrupts R251 IMR D7 D6 D5 D4 D3 D2 D1 D0 R252 FLAGS User Flag F1 User Flag F2 Half Carry Flag Decimal Adjust Flag Overflow Flag Sign Flag Zero Flag Carry Flag Figure 42. Flag Register (FC H: Read/Write) Figure 44. Stack Pointer Register (FE H: Read/Write) Figure 45. Stack Pointer Register (FF H: Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Stack Pointer Lower Byte (SP7 - SP0) R255 SPL Figure 40. Interrupt Request Register (FA H: Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 R250 IRQ Reserved (Must be 0) IRQ0 = P32 Input (D0 = IRQ0) IRQ1 = P33 Input IRQ2 = P31 Input IRQ3 = P30 Input, Serial Input IRQ4 = T0 Serial Output IRQ5 = T1 |