| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5901AF bảng dữ liệu(PDF) 30 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5901AF bảng dữ liệu(HTML) 30 Page - Nippon Precision Circuits Inc |
|
30 / 31 page ![]() SM5901AF Microcon- troller DSP Matsushita MN662740 D/A converter SM5901 DRAM 2 YMDATA YMCLK YMLD ZSENSE YBLKCK YFCLK YFLAG YLRCK YSCK YSRDATA ZLRCK ZSCK ZSRDATA UC1 to UC4 NRAS NWE A0 to A8 D0 to D3 A0 to A8 D0 to D3 CLK NRESET YDMUTE NCAS GND DSP SONY CXD2517 D/A converter SM5901 DRAM 2 YMDATA YMCLK YMLD ZSENSE YBLKCK YFCLK YFLAG YLRCK YSCK YSRDATA ZLRCK ZSCK ZSRDATA UC1 to UC4 NRAS NWE A0 to A8 D0 to D3 A0 to A8 D0 to D3 CLK NRESET YDMUTE NCAS GND GND SCOR XROF Microcon- troller RAS WE OE CAS RAS WE OE CAS Connection example note1 - When external DRAM is used, the DRAM OE pins should be tied LOW. note 2 When CXD 2517 (Sony) is used Set 85H of microcontroller comand (option setting) as setting YFLAG take in; D5: YFLAGS= 1 D4: YFCKP= 0 |