| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5901AF bảng dữ liệu(PDF) 25 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5901AF bảng dữ liệu(HTML) 25 Page - Nippon Precision Circuits Inc |
|
25 / 31 page ![]() SM5901AF WA CAS RA CAS Encode compression mode Decode compression mode ZSRDATA 3FE 3FF 001 002 004 005 3FD 3FE 3FF 001 002 A YMLD When 85H generated AB B 003 Selecting compression mode Even when the compression mode in selected with the 85H command during shock-proof operation,no malfunction occurs. The compression mode change is not performed immediately after input of the 85H command, but it is performed at the following timing. After changing the mode, zero data of one block is output. (note) CAS-000 is connect data. |