| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX5243 bảng dữ liệu(PDF) 36 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AX5243 bảng dữ liệu(HTML) 36 Page - ON Semiconductor |
|
36 / 65 page ![]() Circuit Description www.onsemi.com AX5243 36 5.13. Modulator Depending on the transmitter settings the modulator generates various inputs for the PA: Modulation Bit = 0 Bit = 1 Main Lobe Bandwidth Max. Bitrate ASK PA off PA on BW=BITRATE 125 kBit/s FSK/MSK/GFSK/GMSK f=-fdeviation f=+fdeviation BW=(1+h) BITRATE 125 kBit/s PSK =00 =1800 BW=BITRATE 125 kBit/s h = modulation index. It is the ratio of the deviation compared to the bit- rate; fdeviation = 0.5hBITRATE, AX5243 can demodulate signals with h < 32. ASK = amplitude shift keying FSK = frequency shift keying MSK = minimum shift keying; MSK is a special case of FSK, where h = 0.5, and therefore fdeviation = 0.25BITRATE; the advantage of MSK over FSK is that it can be demodulated more robustly. PSK = phase shift keying All modulation schemes, except 4-FSK, are binary. Amplitude can be shaped using a raised cosine waveform. Amplitude shaping will also be performed for constant amplitude modulation ((G)FSK, (G)MSK) for ramping up and down the PA. Amplitude shaping should always be enabled. Frequency shaping can either be hard (FSK, MSK), or Gaussian (GMSK, GFSK), with selectable BT=0.3 or BT=0.5. Modulation DiBit = 00 DiBit = 01 DiBit = 11 DiBit = 10 Main Lobe Bandwidth Max. Bitrate 4-FSK f=-3fdeviation f=-fdeviation f=+fdeviation f=+3fdeviation BW=(1+3h) BITRATE 115.2 kBit/s 4-FSK Frequency shaping is always hard. 5.14. Automatic Frequency Control (AFC) The AX5243 features an automatic frequency tracking loop which is capable of tracking the transmitter frequency within the RX filter band width. On top of that the AX5243 has a frequency tracking register TRKRFFREQ to synchronize the receiver frequency to a |