công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC450029PKB bảng dữ liệu(PDF) 17 Page - ON Semiconductor

tên linh kiện LC450029PKB
Giải thích chi tiết về linh kiện  Duty General-Purpose LCD Display Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB bảng dữ liệu(HTML) 17 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 13Page - ON Semiconductor LC450029PKB Datasheet HTML 14Page - ON Semiconductor LC450029PKB Datasheet HTML 15Page - ON Semiconductor LC450029PKB Datasheet HTML 16Page - ON Semiconductor LC450029PKB Datasheet HTML 17Page - ON Semiconductor LC450029PKB Datasheet HTML 18Page - ON Semiconductor LC450029PKB Datasheet HTML 19Page - ON Semiconductor LC450029PKB Datasheet HTML 20Page - ON Semiconductor LC450029PKB Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LC450029PKB
No.A1916-17/25
Display Control and the INH Pad
Since the LSI internal data (1/4 duty : the display data D1 to D208 and the control data, 1/3 duty : the display data D1 to
D159 and the control data) is undefined when power is first applied. Applications should set the INH pad low at the
same time as power is applied to turn off the display (This sets the S1 to S53 and COM1 to COM4 pads the VSS level.)
and during this period send serial data from the controller. The controller should then set the INH pad high after the data
transfer has completed. This procedure prevents meaningless display at power on. VDD and VDDI are connected with
the same power supply. The timing of turn on and turn off for VDD and VDDI should be same time.
(See from Figure 5 to Figure 8)
• 1/4 duty
(Note) The wait time (t1) which power supply turn on should be 1ms or more.
The discharge time (t2) of LCD panel’s electric charge should be decided the optimum value according to the
characteristic of the LCD panel.
The switching time (tc) of INH should be 10
μs or more.
[Figure 5]
• 1/3 duty
(Note) The wait time (t1) which power supply turn on should be 1ms or more.
The discharge time (t2) of LCD panel’s electric charge should be decided the optimum value according to the
characteristic of the LCD panel.
The switching time (tc) of INH should be 10
μs or more.
[Figure 6]
Initialization of display data
and control data
t2
CE
INH
VIL1
tc
VIL1
t1
VDD=VDDI
OFF (VSS level output)
ON
Update display data
OFF (VSS level output)
S1 to S53
COM1 to COM4
Initialization of display data
and control data
t2
CE
INH
VIL1
tc
VIL1
t1
VDD=VDDI
OFF (VSS level output)
ON
Update display data
OFF (VSS level output)
S1 to S53
COM1 to COM4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com