| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LC450029PKB bảng dữ liệu(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC450029PKB bảng dữ liệu(HTML) 13 Page - ON Semiconductor |
|
13 / 25 page ![]() LC450029PKB No.A1916-13/25 Display Data and Output Pad Correspondence (1/4 Duty) Output pad COM1 COM2 COM3 COM4 Output pad COM1 COM2 COM3 COM4 S1 D1 D2 D3 D4 S28 D109 D110 D111 D112 S2 D5 D6 D7 D8 S29 D113 D114 D115 D116 S3 D9 D10 D11 D12 S30 D117 D118 D119 D120 S4 D13 D14 D15 D16 S31 D121 D122 D123 D124 S5 D17 D18 D19 D20 S32 D125 D126 D127 D128 S6 D21 D22 D23 D24 S33 D129 D130 D131 D132 S7 D25 D26 D27 D28 S34 D133 D134 D135 D136 S8 D29 D30 D31 D32 S35 D137 D138 D139 D140 S9 D33 D34 D35 D36 S36 D141 D142 D143 D144 S10 D37 D38 D39 D40 S37 D145 D146 D147 D148 S11 D41 D42 D43 D44 S38 D149 D150 D151 D152 S12 D45 D46 D47 D48 S39 D153 D154 D155 D156 S13 D49 D50 D51 D52 S40 D157 D158 D159 D160 S14 D53 D54 D55 D56 S41 D161 D162 D163 D164 S15 D57 D58 D59 D60 S42 D165 D166 D167 D168 S16 D61 D62 D63 D64 S43 D169 D170 D171 D172 S17 D65 D66 D67 D68 S44 D173 D174 D175 D176 S18 D69 D70 D71 D72 S45 D177 D178 D179 D180 S19 D73 D74 D75 D76 S46 D181 D182 D183 D184 S20 D77 D78 D79 D80 S47 D185 D186 D187 D188 S21 D81 D82 D83 D84 S48 D189 D190 D191 D192 S22 D85 D86 D87 D88 S49 D193 D194 D195 D196 S23 D89 D90 D91 D92 S50 D197 D198 D199 D200 S24 D93 D94 D95 D96 S51 - - - - S25 D97 D98 D99 D100 S52 D201 D202 D203 D204 S26 D101 D102 D103 D104 S53 D205 D206 D207 D208 S27 D105 D106 D107 D108 (Note) In external clock operating mode, S53 pad outputs VSS level. When DN is “0”, S52 pad and S53 pad output VSS level. When duty is 1/4, S51 pad outputs VSS level. For example, the table below lists the output states for the S21 output pad. Display data D81 D82 D83 D84 Output pad (S21) state 0 0 0 0 The LCD segments corresponding to COM1, COM2, COM3, and COM4 are off. 0 0 0 1 The LCD segment corresponding to COM4 is on. 0 0 1 0 The LCD segment corresponding to COM3 is on. 0 0 1 1 The LCD segments corresponding to COM3 and COM4 are on. 0 1 0 0 The LCD segment corresponding to COM2 is on. 0 1 0 1 The LCD segments corresponding to COM2 and COM4 are on. 0 1 1 0 The LCD segments corresponding to COM2 and COM3 are on. 0 1 1 1 The LCD segments corresponding to COM2, COM3, and COM4 are on. 1 0 0 0 The LCD segment corresponding to COM1 is on. 1 0 0 1 The LCD segments corresponding to COM1 and COM4 are on. 1 0 1 0 The LCD segments corresponding to COM1 and COM3 are on. 1 0 1 1 The LCD segments corresponding to COM1, COM3, and COM4 are on. 1 1 0 0 The LCD segments corresponding to COM1 and COM2 are on. 1 1 0 1 The LCD segments corresponding to COM1, COM2, and COM4 are on. 1 1 1 0 The LCD segments corresponding to COM1, COM2, and COM3 are on. 1 1 1 1 The LCD segments corresponding to COM1, COM2, COM3, and COM4 are on. |