công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS0260CSSC28SUD20 bảng dữ liệu(PDF) 37 Page - ON Semiconductor

tên linh kiện AS0260CSSC28SUD20
Giải thích chi tiết về linh kiện  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 bảng dữ liệu(HTML) 37 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 33Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 34Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 35Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 36Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 37Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 38Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 39Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 40Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
37
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Some sample images which show the benefits of the different AE modes
In the use case above the Adaptive weighted for lowlights exposes the face slightly better
when compared to the Weighted Average Brightness. The face is moved off axis and the
images are retaken.
This shows the advantage of using the Adaptive weighted AE (lowlights), when the face
moves off center it still is exposed correctly.
Light Background 
Average Brightness Tracking or Average Y                          Weighted Average Brightnes s(centre) 
Adaptive weighted based on zone luma (highlights)     Adaptive weighted based on zone luma (lowlights)
Weighted Average Brightness (center)
Weighted Average Brightness (centre)                              Adaptive weighted based on zone luma 
(lowlights) 
Weighted Average Brightness (center)
(lowlights)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83