| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS0260CSSC28SUD20 bảng dữ liệu(PDF) 26 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS0260CSSC28SUD20 bảng dữ liệu(HTML) 26 Page - ON Semiconductor |
|
26 / 83 page ![]() AS0260 DS Rev. G Pub. 5/15 EN 26 ©Semiconductor Components Industries, LLC, 2015. AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi- tal Image Sensor Figure 21: Color Bar Test Pattern Digital Gain Image stream processing starts with multiplication of all pixel values by a programmable digital gain. Independent color channel digital gain can be adjusted with registers. Test Pattern Example Flat Field VAR = 18, 0x4D, 0x0001 100% Color Bars VAR = 18, 0x4D, 0x0004 Pseudo-Random VAR = 18, 0x4D, 0x0005 Walking 1s VAR = 18, 0x4D, 0x0009 Fade-to-Gray Color Bars VAR = 18, 0x4D, 0x0008 |