công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS0260CSSC28SUD20 bảng dữ liệu(PDF) 34 Page - ON Semiconductor

tên linh kiện AS0260CSSC28SUD20
Giải thích chi tiết về linh kiện  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 bảng dữ liệu(HTML) 34 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 30Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 31Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 32Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 33Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 34Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 35Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 36Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 37Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
34
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Vertical Perspective Correction
The AS0260 has vertical perspective correction (VPC), this allows the user to correct
(within limits) for an off-horizontal axis camera.
VPC is performed using a mixture of scale and crop, the variables which control this are:
The effect of using cam_scale_vertical_tc_percentage can be seen below.
Table 10:
Variables Controlling VPC
Variable
Name
Function
VAR(0x12,0x005E) or
(R0xC85E)
cam_scale_vertical_tc_mode
When bit 0 is set will depend if the cropping is done through the
center or top or bottom
VAR(0x12,0x0060) or
(R0xC860)
cam_scale_vertical_tc_percentage
The amount of tilt (perspective) correction to be applied. If
negative, this value represents% of FOV reduction with the bottom
line unaffected. If positive, this value represents% of FOV
reduction with the top line unaffected
VAR(0x12,0x0062) or
(R0xC862)
cam_scale_vertical_tc_stretch_factor Ratio of vertical stretching against the percentage applied. Vertical
stretching = stretch factor x percentage/2
 
Original Image
VPC Corrected Image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83