công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14203HTZX/NOPB bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ14203HTZX/NOPB
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZX/NOPB bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
LMZ14203H
www.ti.com
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
Typical Application (continued)
5. Select CIN.
6. Set operating frequency with RON.
7. Determine module dissipation.
8. Lay out PCB for required thermal performance.
8.2.2.1.1
Enable Divider, RENT and RENB Selection
The enable input provides a precise 1.18-V reference threshold to allow direct logic drive or connection to a
voltage divider from a higher enable voltage such as VIN. The enable input also incorporates 90 mV (typical) of
hysteresis resulting in a falling threshold of 1.09 V. The maximum recommended voltage into the EN pin is 6.5 V.
For applications where the midpoint of the enable divider exceeds 6.5 V, a small Zener diode can be added to
limit this voltage.
The function of the RENT and RENB divider is to allow the designer to choose an input voltage below which the
circuit will be disabled. This implements the feature of programmable under voltage lockout. This is often used in
battery-powered systems to prevent deep discharge of the system battery. It is also useful in system designs for
sequencing of output rails or to prevent early turnon of the supply as the main input voltage rail rises at power
up. Applying the enable divider to the main input rail is often done in the case of higher input voltage systems
such as 24-V AC/DC systems where a lower boundary of operation should be established. In the case of
sequencing supplies, the divider is connected to a rail that becomes active earlier in the power-up cycle than the
LMZ14203H output rail. The two resistors should be chosen based on the following ratio:
RENT / RENB = (VIN-ENABLE/ 1.18 V) – 1
(1)
The EN pin is internally pulled up to VIN and can be left floating for always-on operation. However, it is good
practice to use the enable divider and turn on the regulator when VIN is close to reaching its nominal value. This
will ensure smooth start-up and will prevent overloading the input supply.
8.2.2.1.2
Output Voltage Selection
Output voltage is determined by a divider of two resistors connected between VO and ground. The midpoint of
the divider is connected to the FB input. The voltage at FB is compared to a 0.8-V internal reference. In normal
operation an ON-time cycle is initiated when the voltage on the FB pin falls below 0.8 V. The high-side MOSFET
ON-time cycle causes the output voltage to rise and the voltage at the FB to exceed 0.8 V. As long as the
voltage at FB is above 0.8 V, ON-time cycles will not occur.
The regulated output voltage determined by the external divider resistors RFBT and RFBB is:
VO = 0.8 V × (1 + RFBT / RFBB)
(2)
Rearranging terms; the ratio of the feedback resistors for a desired output voltage is:
RFBT / RFBB = (VO / 0.8 V) - 1
(3)
These resistors should be chosen from values in the range of 1 k
Ω to 50 kΩ.
A feed-forward capacitor is placed in parallel with RFBT to improve load step transient response. Its value is
usually determined experimentally by load stepping between DCM and CCM conduction modes and adjusting for
best transient response and minimum output ripple.
A table of values for RFBT , RFBB , and RON is included in the simplified applications schematic (see Figure 46).
8.2.2.1.3
Soft-Start Capacitor, CSS, Selection
Programmable soft-start permits the regulator to slowly ramp to its steady-state operating point after being
enabled, thereby reducing current inrush from the input supply and slowing the output voltage rise-time to
prevent overshoot.
Upon turnon, after all UVLO conditions have been passed, an internal 8-uA current source begins charging the
external soft-start capacitor. The soft-start time duration to reach steady-state operation is given by the formula:
tSS = VREF × CSS / Iss = 0.8 V × CSS / 8 µA
(4)
Equation 4 can be rearranged as follows:
CSS = tSS × 8 μA / 0.8 V
(5)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com