công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14203HTZX/NOPB bảng dữ liệu(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ14203HTZX/NOPB
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZX/NOPB bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 24Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 25Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 26Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
OUTPUT CURRENT (A)
VIN = 15V
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
1
2
3
4
5
6
7
Top View
VIN
COUT
VOUT
RENT
RON
CSS
GND
Thermal Vias
CIN
GND
RENB
CFF
RFBT
RFBB
GND Plane
EPAD
LMZ14203H
www.ti.com
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
Layout Example (continued)
Figure 50. PCB Layout Guide
10.3 Power Dissipation and Board Thermal Requirements
For a design case of VIN = 24 V, VOUT = 12 V, IOUT = 3 A, TA (MAX) = 65°C , and TJUNCTION = 125°C, the device
must see a maximum junction-to-ambient thermal resistance of:
RθJA-MAX < (TJ-MAX - TA(MAX)) / PD
(24)
This RθJA-MAX will ensure that the junction temperature of the regulator does not exceed TJ-MAX in the particular
application ambient temperature.
To calculate the required RθJA-MAX we need to get an estimate for the power losses in the IC. The following graph
is taken form the Typical Characteristics section (Figure 16) and shows the power dissipation of the LMZ14203H
for VOUT = 12 V at 85°C TA.
Figure 51. Power Dissipation VOUT = 12V TA = 85°C
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com