công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14203HTZX/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ14203HTZX/NOPB
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZX/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMZ14203HTZX/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
70
75
80
85
90
95
100
OUTPUT CURRENT (A)
VIN = 15V
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
VIN
CIN
Enable
RON
RFBT
CFF
CSS
RFBB
COUT
LMZ14203H
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
LMZ14203H SIMPLE SWITCHER® 6V to 42V, 3A High Output Voltage Power Module
1 Features
2 Applications
1
•
Integrated Shielded Inductor
•
Intermediate Bus Conversions to 12-V and 24-V
Rail
•
Simple PCB Layout
•
Time-Critical Projects
•
Flexible Start-Up Sequencing Using External Soft-
Start and Precision Enable
•
Space Constrained and High Thermal
Requirement Applications
•
Protection Against Inrush Currents
•
Negative Output Voltage Applications
•
Input UVLO and Output Short-Circuit Protection
•
–40°C to 125°C Junction Temperature Range
3 Description
•
Single Exposed Pad and Standard Pinout for Easy
The
LMZ14203H
SIMPLE
SWITCHER®
power
Mounting and Manufacturing
module is an easy-to-use step-down DC-DC solution
•
Low Output Voltage Ripple
that can drive up to 3-A load with exceptional power
conversion efficiency, line and load regulation, and
•
Pin-to-Pin Compatible Family:
output accuracy. The LMZ14203H is available in an
–
LMZ14203H/2H/1H (42 V Maximum, 3-A, 2-A,
innovative
package
that
enhances
thermal
1-A)
performance
and
allows
for
hand
or
machine
–
LMZ14203/2/1 (4 2V Maximum, 3-A, 2-A, 1-A)
soldering.
–
LMZ12003/2/1 (20 V Maximum, 3-A, 2-A, 1-A)
The LMZ14203H can accept an input voltage rail
•
Fully Enabled for WEBENCH® Power Designer
between 6 V and 42 V and deliver an adjustable and
highly accurate output voltage as low as 5 V. The
•
Electrical Specifications
LMZ14203H only requires three external resistors
–
Up to 3-A Output Current
and four external capacitors to complete the power
–
Input Voltage Range 6 V to 42 V
solution. The LMZ14203H is a reliable and robust
design with the following protection features: thermal
–
Output Voltage as Low as 5 V
shutdown,
input
undervoltage
lockout,
output
–
Efficiency up to 97%
overvoltage protection, short-circuit protection, output
•
Performance Benefits
current limit, and allows start-up into a prebiased
–
High Efficiency Reduces System Heat
output.
A
single
resistor
adjusts
the
switching
frequency up to 1 MHz.
Generation
–
Low Radiated EMI (EN 55022 Class B Tested)
Device Information(1)(2)
–
No Compensation Required
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Low Package Thermal Resistance
LMZ14203H
TO-PMOD (7)
10.16 mm × 9.85 mm
NOTE:
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Peak reflow temperature equals 245°C. See SNAA214 for
more details.
Simplified Application Schematic
Efficiency VOUT = 12 V, TA = 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LMZ14203HTZX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14203HTZX/NOPB TI2-LMZ14203HTZX/NOPB Datasheet
838Kb / 32P
LMZ14203H SIMPLE SWITCHER® 6V to 42V, 3A High Output Voltage Power Module
REVISED OCTOBER 2015
LMZ14203HTZX/NOPB.A TI2-LMZ14203HTZX/NOPB.A Datasheet
838Kb / 32P
LMZ14203H SIMPLE SWITCHER® 6V to 42V, 3A High Output Voltage Power Module
REVISED OCTOBER 2015
LMZ14203HTZX/NOPB.B TI2-LMZ14203HTZX/NOPB.B Datasheet
838Kb / 32P
LMZ14203H SIMPLE SWITCHER® 6V to 42V, 3A High Output Voltage Power Module
REVISED OCTOBER 2015
More results

Mô tả tương tự - LMZ14203HTZX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ14203HTZ NSC-LMZ14203HTZ Datasheet
632Kb / 20P
3A SIMPLE SWITCHER Power Module for High Output
logo
Texas Instruments
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ14202H TI-LMZ14202H_15 Datasheet
1Mb / 31P
LMZ14202H SIMPLE SWITCHER짰 6V to 42V, 2A High Output Voltage Power Module
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
3A SIMPLE SWITCHER Power Module
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com