| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC17C752-08/CL bảng dữ liệu(PDF) 139 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752-08/CL bảng dữ liệu(HTML) 139 Page - Microchip Technology |
|
139 / 328 page ![]() © 1998 Microchip Technology Inc. DS30289A-page 139 PIC17C7XX FIGURE 15-11: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 15-12: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit7 bit0 SDO bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag optional Next Q4 cycle after Q2 ↓ SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit7 bit0 SDO bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 SSPIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag not optional Next Q4 cycle after Q2 ↓ |