công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC17C752-08/CL bảng dữ liệu(PDF) 36 Page - Microchip Technology

tên linh kiện PIC17C752-08/CL
Giải thích chi tiết về linh kiện  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL bảng dữ liệu(HTML) 36 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 32Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 33Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 34Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 35Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 36Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 37Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 38Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 39Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 328 page
background image
PIC17C7XX
DS30289A-page 36
© 1998 Microchip Technology Inc.
FIGURE 6-6:
PIR2 REGISTER (ADDRESS: 10h, BANK 4)
R/W - 0
R/W - 0
R/W - 0
U - 0
R/W - 0
R/W - 0
R - 1
R - 0
SSPIF
BCLIF
ADIF
—
CA4IF
CA3IF
TX2IF
RC2IF
R = Readable bit
W = Writable bit
-n = Value at POR reset
bit7
bit0
bit 7:
SSPIF: Synchronous Serial Port (SSP) Interrupt Flag bit
1 = The SSP interrupt condition has occurred, and must be cleared in software before returning from the
interrupt service routine. The conditions that will set this bit are:
SPI
A transmission/reception has taken place.
I2C Slave / Master
A transmission/reception has taken place.
I2C Master
The initiated start condition was completed by the SSP module.
The initiated stop condition was completed by the SSP module.
The initiated restart condition was completed by the SSP module.
The initiated acknowledge condition was completed by the SSP module.
A start condition occurred while the SSP module was idle (Multimaster system).
A stop condition occurred while the SSP module was idle (Multimaster system).
0 = An SSP interrupt condition has NOT occurred.
bit 6:
BCLIF: Bus Collision Interrupt Flag bit
1 = A bus collision has occurred in the SSP, when configured for I2C master mode
0 = No bus collision has occurred
bit 5:
ADIF: A/D Module Interrupt Flag bit
1 = An A/D conversion is complete
0 = An A/D conversion is not complete
bit 4:
Unimplemented: Read as '0'
bit 3:
CA4IF: Capture4 Interrupt Flag bit
1 = Capture event occurred on RE3/CAP4 pin
0 = Capture event did not occur on RE3/CAP4 pin
bit 2:
CA3IF: Capture3 Interrupt Flag bit
1 = Capture event occurred on RG4/CAP3 pin
0 = Capture event did not occur on RG4/CAP3 pin
bit 1:
TX2IF:USART2 Transmit Interrupt Flag bit (State controlled by hardware)
1 = USART2 Transmit buffer is empty
0 = USART2 Transmit buffer is full
bit 0:
RC2IF: USART2 Receive Interrupt Flag bit (State controlled by hardware)
1 = USART2 Receive buffer is full
0 = USART2 Receive buffer is empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com