công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP3962ES-3.3/NOPB bảng dữ liệu(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP3962ES-3.3/NOPB
Giải thích chi tiết về linh kiện  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LP3962ES-3.3/NOPB bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button LP3962ES-3.3/NOPB Datasheet HTML 21Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 22Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 23Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 24Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 25Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 26Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 27Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 28Page - Texas Instruments LP3962ES-3.3/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Oct-2015
Addendum-Page 4
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34