| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3962ES-3.3/NOPB bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3962ES-3.3/NOPB bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Oct-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples -3.3 LP3962ET-3.3/NOPB ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP3962ET -3.3 LP3965EMP-1.8/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LBKB LP3965EMP-2.5 NRND SOT-223 NDC 5 1000 TBD Call TI Call TI -40 to 125 LBLB LP3965EMP-2.5/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LBLB LP3965EMP-3.3 NRND SOT-223 NDC 5 1000 TBD Call TI Call TI -40 to 125 LBNB LP3965EMP-3.3/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LBNB LP3965EMP-ADJ NRND SOT-223 NDC 5 1000 TBD Call TI Call TI -40 to 125 LBRB LP3965EMP-ADJ/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LBRB LP3965EMPX-ADJ/NOPB ACTIVE SOT-223 NDC 5 2000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LBRB LP3965ES-1.8 NRND DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3965ES -1.8 LP3965ES-1.8/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3965ES -1.8 LP3965ES-2.5 NRND DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3965ES -2.5 LP3965ES-2.5/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3965ES -2.5 LP3965ES-3.3 NRND DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3965ES -3.3 LP3965ES-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3965ES -3.3 LP3965ES-ADJ NRND DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3965ES -ADJ LP3965ES-ADJ/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3965ES -ADJ LP3965ESX-1.8/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3965ES -1.8 LP3965ESX-2.5/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3965ES -2.5 |