| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3962ES-3.3/NOPB bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3962ES-3.3/NOPB bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Oct-2015 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP3965ESX-3.3 NRND DDPAK/ TO-263 KTT 5 500 TBD Call TI Call TI -40 to 125 LP3965ES -3.3 LP3965ESX-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3965ES -3.3 LP3965ESX-ADJ/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3965ES -ADJ LP3965ET-1.8/NOPB ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP3965ET -1.8 LP3965ET-3.3/LB04 NRND TO-220 NEB 5 45 TBD Call TI Call TI LP3965ET -3.3 LP3965ET-3.3/NOPB ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP3965ET -3.3 LP3965ET-ADJ NRND TO-220 NDH 5 45 TBD Call TI Call TI -40 to 125 LP3965ET -ADJ LP3965ET-ADJ/NOPB ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP3965ET -ADJ (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. (4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device. |