công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP3856ES-ADJ/NOPB bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP3856ES-ADJ/NOPB
Giải thích chi tiết về linh kiện  3A Fast Response Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LP3856ES-ADJ/NOPB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LP3856ES-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP3856ES-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP3856ES-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP3856ES-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP3856ES-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP3856ES-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP3856ES-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP3856ES-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP3856ES-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LP3856-ADJ
www.ti.com
SNVS243E – SEPTEMBER 2003 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE / UNITS
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 5 sec.)
260°C
ESD Rating (2)
2 kV
Power Dissipation (3)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +7.5V
Shutdown Input Voltage (Survival)
−0.3V to 7.5V
Output Voltage (Survival), (4), (5)
−0.3V to +6.0V
IOUT (Survival)
Short Circuit Protected
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which
the device is intended to be functional, but does not ensure specific performance limits. For specifications and test conditions, see
Electrical Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(3)
At elevated temperatures, devices must be derated based on package thermal resistance. The devices in TO-220 package must be
derated at
θjA = 50°C/W (with 0.5in
2, 1oz. copper area), junction-to-ambient (with no heat sink). The devices in the DDPAK/TO-263
surface-mount package must be derated at
θjA = 60°C/W (with 0.5in
2, 1oz. copper area), junction-to-ambient. See Application Hints.
(4)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output must be diode-clamped to ground.
(5)
The output PMOS structure contains a diode between the VIN and VOUT terminals. This diode is normally reverse biased. This diode will
get forward biased if the voltage at the output terminal is forced to be higher than the voltage at the input terminal. This diode can
typically withstand 200mA of DC current and 1Amp of peak current.
RECOMMENDED OPERATING CONDITIONS
VALUE / UNITS
Input Supply Voltage (Operating), (1)
2.5V to 7.0V
Shutdown Input Voltage (Operating)
−0.3V to 7.0V
Maximum Operating Current (DC)
3A
Operating Junction Temp. Range
−40°C to +125°C
(1)
The minimum operating value for VIN is equal to either [VOUT(NOM) + VDROPOUT] or 2.5V, whichever is greater.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3856-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com