| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35061 bảng dữ liệu(PDF) 26 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35061 bảng dữ liệu(HTML) 26 Page - Mitsubishi Electric Semiconductor |
|
26 / 41 page ![]() 26 MITSUBISHI MICROCOMPUTERS M35061-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS Fig. 12 Address construction 00016 2A716 2A816 display RAM 2B016 register unused address area SYRAM code 00 16 30D16 unused address area 2B116 2FF16 30016 SYRAM code 01 16 31D16 unused address area SYRAM code 06 16 36D16 FFF16 Address setting and data input disable area *Jump to address 000 16 automatically 31016 32016 36016 unused address area 35D16 Following FFF16 is disabled Address *Jump to address 310 16 automatically *Jump to address 320 16 automatically *Jump to address 360 16 automatically When entering data, note that although addresses are incremented every data entry (8 bits ! 3), if an address value falls in the unused address area, it is automatically converted to the address value indicated by the arrow. When entering SYRAM data, for example, you can set this data simply by setting address 30016 first and then entering data 30016 to 30C16 (SYRAM code 0016) and next data 31016 to 31C16 (SYRAM code 0116). The same applies for SYRAM code 0216 to 0616.However, set CS to H after setting SYRAM code 0616 (36016 to 36C16). |