| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35061 bảng dữ liệu(PDF) 15 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35061 bảng dữ liệu(HTML) 15 Page - Mitsubishi Electric Semiconductor |
|
15 / 41 page ![]() MITSUBISHI MICROCOMPUTERS M35061-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 15 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 LEVEL0 LEVEL1 LEVEL2 TEST24 TEST17 TEST18 TEST19 — (9) Address 2B016 (cont.) Status DA Register Contents Function Remarks 10 11 12 13 14 15 16 17 Composite video generation is off. Composite video generation is on. Display clock is on (oscillating). Display clock is off (not oscillating). Sync separation is disabled. Sync separation is enabled. Test mode (Must be cleared to 0.) Must be cleared to 0. Refer to Table 5 and 6. |