| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35061 bảng dữ liệu(PDF) 12 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35061 bảng dữ liệu(HTML) 12 Page - Mitsubishi Electric Semiconductor |
|
12 / 41 page ![]() 12 MITSUBISHI MICROCOMPUTERS M35061-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS (7) Address 2AE16 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Status DA 0 1 2 3 4 5 6 7 8 9 A B C D E F 10 11 12 13 14 15 16 17 Register SBIT0 SBIT1 SBIT2 SBIT3 SLIN0 SLIN1 SLIN2 SLIN3 SLIN4 SST0 SST1 SST2 SST3 SST4 SEND0 SEND1 SEND2 SEND3 SEND4 — — — — — Contents Function Remarks Set display start bit of scroll block: Set display start line of scroll block: 3 n=0 4 n=0 Set start line of scroll block (last line number of the fixed block 1): Set start line of fixed block 2 (last line number of the scroll block): 4 n=0 Must be cleared to 0. Setting valid SA = 0 to 12 invalid SA = 13 to 15 Setting valid SB = 0 to 16 invalid SB = 17 to 31 Setting valid SC = 0 to 15 invalid SC = 16 to 31 When the scrolling on setting valid SD = 2 to 17 invalid SD = 18 to 31 When the scrolling off set SD = 0 SD > SC + 2 Note: When the scrolling on, set the ratio which will be SC < SB < SD. 4 n=0 SA = Σ 2n (SBITn) SB = Σ 2n (SLINn) SC = Σ 2n (SSTn) SD = Σ 2n (SENDn) |