công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX459CPL bảng dữ liệu(PDF) 14 Page - Maxim Integrated Products

tên linh kiện MAX459CPL
Giải thích chi tiết về linh kiện  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX459CPL bảng dữ liệu(HTML) 14 Page - Maxim Integrated Products

Back Button MAX459CPL Datasheet HTML 8Page - Maxim Integrated Products MAX459CPL Datasheet HTML 9Page - Maxim Integrated Products MAX459CPL Datasheet HTML 10Page - Maxim Integrated Products MAX459CPL Datasheet HTML 11Page - Maxim Integrated Products MAX459CPL Datasheet HTML 12Page - Maxim Integrated Products MAX459CPL Datasheet HTML 13Page - Maxim Integrated Products MAX459CPL Datasheet HTML 14Page - Maxim Integrated Products MAX459CPL Datasheet HTML 15Page - Maxim Integrated Products MAX459CPL Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Driving Capacitive Loads
When driving loads greater than 100pF, you may need
a capacitance compensating resistor in series with the
output of each affected amplifier. The required resistor
will depend on load as well as capacitance. For 150
Ω
or higher load resistances and capacitance up to
1000pF, use a 2.4
Ω resistor. For 100Ω loads, use a
4.7
Ω resistor.
If an output amplifier is loaded with a pure capacitance
or with the inputs of other MAX458/MAX459s, the resis-
tors will cause no degradation of gain or other perfor-
mance because of the high impedance of the
crosspoints. However, resistive loads may cause a
reduction in gain.
Daisy-Chaining Devices
The serial output, DOUT, allows cascading of two or
more crosspoint switches to create larger arrays. The
data at DOUT is the DIN data delayed by 16 cycles
plus one clock width. DOUT changes on SCLK’s falling
edge when
–
C
—
S
–
is low. When C
—
S
–
is high, DOUT remains
in the state of the last data bit.
Any number of MAX458/MAX459 crosspoint switches
can be daisy-chained by connecting the DOUT of one
device to the DIN of the next device in the chain, as
shown in Figure 12. For proper timing, ensure that both
tCSS (C
—
S
–
low to SCLK high) and tCL are greater than
tDO + tDS.
DOUT is a TTL-compatible output with an active pull-
up. It does not become high impedance when C
—
S
–
is
high.
8x4 Video Crosspoint Switches with Buffers
14
______________________________________________________________________________________
MAX458
MAX459
MAX458
MAX459
CS
SCLK
DOUT
DIN
DOUT
SERIAL
DATA
INPUT
1
20
40
39
28
30
32
34
1
20
40
39
28
30
32
34
OUT3
OUT2
OUT1
OUT0
Figure 12. 16x4 Crosspoint Switch Using Serial "Daisy Chain"
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com