công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LRH1025 bảng dữ liệu(PDF) 13 Page - LUXPIA

tên linh kiện LRH1025
Giải thích chi tiết về linh kiện  Specification for Approval
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUXPIA [LUXPIA]
Trang chủ  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LRH1025 bảng dữ liệu(HTML) 13 Page - LUXPIA

Back Button LRH1025 Datasheet HTML 7Page - LUXPIA LRH1025 Datasheet HTML 8Page - LUXPIA LRH1025 Datasheet HTML 9Page - LUXPIA LRH1025 Datasheet HTML 10Page - LUXPIA LRH1025 Datasheet HTML 11Page - LUXPIA LRH1025 Datasheet HTML 12Page - LUXPIA LRH1025 Datasheet HTML 13Page - LUXPIA LRH1025 Datasheet HTML 14Page - LUXPIA LRH1025 Datasheet HTML 15Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
12/16
• Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had LEDs
incorporated into it.
10. Warranty
(1) Luxpia warrants that its LEDs conform to the foregoing specifications and that Luxpia will convey
good title to all LEDs sold.
(2) LUXPIA disclaims all other warranties including the implied warranties of merchantability and
fitness for a particular purpose.
(3) In the event any LED supplied by Luxpia is found not to conform to the foregoing specifications
within ninety days of receipt, Luxpia will repair or replace the LED, at Luxpia’s discretion, provided
that the User (a) promptly notifies Luxpia in writing of the details of the defect (b) ships the LEDs at
the User’s expense to Luxpia for examination, and (c) the defect is due to the negligence of Luxpia
and not mishandling or misuse by the User.
(4) Luxpia will not take responsibility for any trouble that is caused by using the LEDs at conditions
exceeding our specifications.
(5) These specifications are applied only when a LED stands alone and it is strongly recommended
that the User of the LEDs confirms the properties upon assembly. Luxpia is not responsible for
failures caused during and after assembling. It will be excepted from the rule if the failure would
caused undoubtedly by Luxpia.
(6) A claim report stating details about the defect shall be made when returning defective LEDs.
Luxpia will investigate the report immediately and inform the user of the results.
(7) The LEDs described in the specification are intended to be used for ordinary electronic
equipment (such as office equipment, communications equipment, on the applications in which
exceptional quality and reliability are required, particularly when the failure or malfunction of the
LEDs may directly jeopardize life or health (such as for airplanes, aerospace, submersible repeaters,
nuclear reactor control systems, automobiles, traffic control equipment, life support systems and
safety devices)
(8) LUXPIA’s liability for defective lamps shall be limited to replacement and in no event shall
LUXPIA be liable for consequential damage or lost profits.
11. Others
(1) The warranties of quality set forth herein are exclusive. All previous negotiations and
agreements not specifically incorporated herein are superseded and rendered null and void.
(2) Both parties shall sincerely try to find a solution when any disagreement occurs regarding these
specifications.
(3) User shall not reverse engineer by disassembling or analysis of the LEDs without having prior
written consent from Luxpia. When defective LEDs are found, the User shall inform Luxpia directly
before disassembling or analysis.
(4) These specifications can be revised upon mutual agreement.
(5) Luxpia understands that the User accepts the content of these specifications, if the User does
not return these specifications with signatures within 3 weeks after receipt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com