công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX2430ISE bảng dữ liệu(PDF) 5 Page - Maxim Integrated Products

tên linh kiện MAX2430ISE
Giải thích chi tiết về linh kiện  Low-Voltage, Silicon RF Power Amplifier/Predriver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2430ISE bảng dữ liệu(HTML) 5 Page - Maxim Integrated Products

  MAX2430ISE Datasheet HTML 1Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 2Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 3Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 4Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 5Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 6Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 7Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 8Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Low-Voltage, Silicon RF Power
Amplifier/Predriver
_______________________________________________________________________________________
5
_____________________Pin Description
NAME
FUNCTION
1, 15,
16
GND3
Driver Stage Ground. Connect directly to
ground plane.
2
SHDN
Shutdown Input (TTL/CMOS)
PIN
3, 5
GND2
Input Stage Ground. Connect directly to
ground plane.
4
RFIN
RF Input. Internally matched to 50
Ω.
Requires series DC-blocking capacitor.
9
RFOUT
Output Transistor. Open Collector.
8
VCC2
Driver Stage Output. Connect to supply
through inductor (see
Applications
Information).
7
VCC1
Bias Circuitry Supply. Connect to supply.
Bypass with 1000pF capacitor.
6
GND1
Bias Circuitry Ground. Connect directly to
ground plane.
11–14
GND4
Output Stage Ground. Connect directly to
ground plane.
10
BIAS
Output Stage Bias Pin. Connect capacitor
to GND to control start-up power enve-
lope. Drive directly for power control (see
Applications Information).
Detailed Description
The MAX2430 consists of a large power output transis-
tor driven by a capacitively coupled driver stage (see
Functional Diagram). The driver and front-end gain
stages are DC-connected and biased on-chip from the
master bias cell. The master bias cell also controls the
output stage bias circuit. The input impedance at the
RFIN pin is internally matched to 50
Ω, while the output
stage must be tuned and filtered externally for any nar-
row-band frequency range of interest between 800MHz
and 1000MHz.
The driver amplifier requires an external inductor at the
VCC2 pin to provide DC bias and proper matching to
the output stage. This inductor’s value depends on the
package type and frequency range of operation; typi-
cally it will vary between 5nH and 22nH.
The output transistor at the RFOUT pin requires an
external RF choke inductor connected to the supply for
DC bias, and a matching network to transform the
desired external load impedance to the optimal internal
load impedance of approximately 15
Ω.
The MAX2430 includes a unique shutdown feature. The
TTL/CMOS-compatible SHDN input allows the device to
be shut down completely without the use of any exter-
nal components. Also, the RF output power envelope
ramp time can be programmed with a single external
capacitor connected between the BIAS pin and
ground. Pulling the shutdown pin (SHDN) high powers
on the master bias circuit, which in turn charges the
external capacitor tied to the BIAS pin using a con-
trolled current. The voltage at BIAS controls the output
power level, which ramps until the BIAS pin is internally
clamped to approximately 2.2V. The envelope ramp-
down time is controlled in a similar manner when the
SHDN pin is pulled low.
Variable output power control over a 15dB range is also
possible by forcing the voltage on the BIAS pin exter-
nally from 0.6V to 2.4V.
During the on state (SHDN = high), the power-supply
bias current is typically 52mA with no RF applied to the
input. During the off state (SHDN = low), the supply
current is typically reduced to less than 1µA.
Note:
MAX2430IEE (PwrQSOP package) underside metal slug
must be soldered to PCB ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com