công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX2430ISE bảng dữ liệu(PDF) 1 Page - Maxim Integrated Products

tên linh kiện MAX2430ISE
Giải thích chi tiết về linh kiện  Low-Voltage, Silicon RF Power Amplifier/Predriver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2430ISE bảng dữ liệu(HTML) 1 Page - Maxim Integrated Products

  MAX2430ISE Datasheet HTML 1Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 2Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 3Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 4Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 5Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 6Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 7Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 8Page - Maxim Integrated Products MAX2430ISE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
________________General Description
The MAX2430 is a versatile, silicon RF power amplifier
that operates directly from a 3V to 5.5V supply, making
it suitable for 3-cell NiCd or 1-cell lithium-ion battery
applications. It is designed for use in the 800MHz to
1000MHz frequency range and, at 915MHz, can pro-
duce +21dBm (125mW) of output power with greater
than 32dB of gain at VCC = 3.6V.
A unique shutdown function provides an off supply cur-
rent of typically less than 1µA to save power during
“idle slots” in time-division multiple-access (TDMA)
transmissions. An external capacitor sets the RF output
power envelope ramp time. External power control is
also possible over a 15dB range. The amplifier’s input
is matched on-chip to 50
Ω. The output is an open col-
lector that is easily matched to a 50
Ω load with few
external components.
The MAX2430 is ideal as a driver amplifier for portable
and mobile telephone systems, or as a complete power
amplifier for other low-cost applications, such as those
in the 915MHz spread-spectrum ISM band. It is fabri-
cated with Maxim’s high-frequency bipolar transistor
process and is available in a thermally enhanced,
16-pin narrow SO and miniature 16-pin PwrQSOP pack-
ages with heat slug.
________________________Applications
Digital Cordless Phones
915MHz ISM-Band Applications
Two-Way Pagers
Wireless LANs
Cellular Phones
AM and FM Analog Transmitters
____________________________Features
o Operates Over the 800MHz to 1000MHz Frequency
Range
o Delivers 125mW at 915MHz from +3.6V Supply
(100mW typical from +3.0V supply)
o Operates Directly from 3-Cell NiCd or 1-Cell
Lithium-Ion Battery
o Over 32dB Power Gain
o RF Power Envelope Ramping is Programmable
with One External Capacitor
o Input Matched to 50
Ω (VSWR < 2:1)
o 15dB Output Power Control Range
o 1µA Typical Shutdown Current
Low-Voltage, Silicon RF Power
Amplifier/Predriver
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GND3
GND3
GND4
GND4
GND4
GND4
BIAS
RFOUT
GND3
SHDN
GND2
RFIN
GND2
GND1
VCC1
VCC2
TOP VIEW
MAX2430
Narrow SO/PwrQSOP
Pin Configuration
MAX2430
MASTER
BIAS
GAIN
GND2
NOTE: MAX2430IEE (PwrQSOP PACKAGE) UNDERSIDE METAL
SLUG MUST BE SOLDERED TO PCB GROUND PLANE.
GND3
VCC1
VCC2
BIAS
GND4
RFOUT
9
10
8
7
11, 12, 13, 14
1, 15, 16
3, 5
SHDN
GND1
RFIN
2
6
4
DRIVER
OUTPUT
BIAS
Functional Diagram
19-1093; Rev 2; 1/98
PART
TEMP. RANGE
PIN-PACKAGE
EVALUATION
KIT
MANUAL
FOLLOWS
DATA
SHEET
Ordering Information
MAX2430IEE
-20°C to +85°C
16 PwrQSOP
MAX2430ISE
-20°C to +85°C
16 Narrow SO


Số phần tương tự - MAX2430ISE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX2430 MAXIM-MAX2430 Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
MAX2430EVKIT-PWRQSOP MAXIM-MAX2430EVKIT-PWRQSOP Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
MAX2430EVKIT-SO MAXIM-MAX2430EVKIT-SO Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
More results

Mô tả tương tự - MAX2430ISE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
New Japan Radio
NJM2070 NJRC-NJM2070 Datasheet
127Kb / 4P
LOW VOLTAGE POWER AMPLIFIER
logo
NXP Semiconductors
SA910 PHILIPS-SA910 Datasheet
114Kb / 13P
Variable gain RF predriver amplifier
1997 Aug 12
logo
Sanyo Semicon Device
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
High-Voltage Switching, Predriver Applications
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
High-Voltage Switching, Predriver Applications
logo
Toshiba Semiconductor
TA7140P TOSHIBA-TA7140P Datasheet
469Kb / 6P
VOLTAGE AMPLIFIER LOW OUTPUT POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2645 MAXIM-MAX2645 Datasheet
219Kb / 12P
3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver
Rev 1; 8/03
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Renesas Technology Corp
M61556FP RENESAS-M61556FP Datasheet
200Kb / 14P
100 W 1-Channel Amplifier Predriver
M61556FP RENESAS-M61556FP_15 Datasheet
224Kb / 16P
100 W 1-Channel Amplifier Predriver
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com