| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD75402ACT bảng dữ liệu(PDF) 17 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75402ACT bảng dữ liệu(HTML) 17 Page - NEC |
|
17 / 48 page ![]() 17 µPD75402A(A) 5.4 BASIC INTERVAL TIMER The basic interval timer provides the following functions: • Interval timer operation that generates a reference time interrupt • Can be used as a watchdog timer for detecting program crashes • Reading the count value Fig. 5-3 Configuration of the Basic Interval Timer From the clock generator fXX /2 5 fXX /2 9 MPX BTM3 BTM2 1 1 BTM 48 Internal bus Clear Set BT Basic interval timer (8-bit frequency divider) BT interrupt request flag IRQBT Vectored interrupt request signal Clear |