| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD75402ACT bảng dữ liệu(PDF) 29 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75402ACT bảng dữ liệu(HTML) 29 Page - NEC |
|
29 / 48 page ![]() 29 µPD75402A(A) 10. ELECTRICAL CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS (Ta = 25 ˚C) Parameter Supply voltage Input voltage Output voltage High-level output current Low-level output current Operating temperature Storage tempera- ture Unit V V V V V mA mA mA mA mA mA mA mA mA mA ˚C ˚C Rated value –0.3 to +7.0 –0.3 to VDD + 0.3 –0.3 to VDD + 0.3 –0.3 to +11.0 –0.3 to VDD + 0.3 –15 –30 30 15 20 10 100 60 100 60 –40 to +85 –65 to +150 Symbol VDD VI1 VI2 VO IOH IOL Note Topt Tstg Conditions Ports other than port 5 Port 5 Built-in pull-up resistor Open drain Each pin Total of all output pins One pin of port 0, 3, 5, or 6 One pin of port 2 Total of all pins of ports 0, 3, and 5 (excl. P33) Total of all pins of ports 2, 6, and P33 Peak value rms Peak value rms Peak value rms Peak value rms √ Note Calculate rms with [rms] = [peak value] × duty. Caution Absolute maximum ratings are rated values beyond which some physical damages may be caused to the product; if any of the parameters in the table above exceeds its rated value even for a moment, the quality of the product may deteriorate. Be sure to use the product within the rated values. |