công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PALCE20V8H-7PC/5 bảng dữ liệu(PDF) 24 Page - Lattice Semiconductor

tên linh kiện PALCE20V8H-7PC/5
Giải thích chi tiết về linh kiện  EE CMOS 24-Pin Universal Programmable Array Logic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE20V8H-7PC/5 bảng dữ liệu(HTML) 24 Page - Lattice Semiconductor

Back Button PALCE20V8H-7PC/5 Datasheet HTML 19Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 20Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 21Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 22Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 23Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 24Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 25Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 26Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 27Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
24
PALCE20V8 Family
POWER-UP RESET
The PALCE20V8 has been designed with the capability to reset during system power-up.
Following power-up, all flip-flops will be reset to LOW. The output state will be HIGH
independent of the logic polarity. This feature provides extra flexibility to the designer and is
especially valuable in simplifying state machine initialization. A timing diagram and parameter
table are shown below. Due to the synchronous operation of the power-up reset and the wide
range of ways VCC can rise to its steady state, two conditions are required to ensure a valid
power-up reset. These conditions are:
x
The VCC rise must be monotonic.
x
Following reset, the clock input must not be driven from LOW to HIGH until all applicable input
and feedback setup times are met.
Parameter Symbol
Parameter Descriptions
Min
Max
Unit
tPR
Power-Up Reset Time
1000
ns
tS
Input or Feedback Setup Time
See Switching Characteristics
tWL
Clock Width LOW
tPR
tWL
tS
4 V
VCC
Power
Registered
Output
Clock
16491E-15
Figure 2. Power-Up Reset Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com