công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PALCE20V8H-7PC/5 bảng dữ liệu(PDF) 21 Page - Lattice Semiconductor

tên linh kiện PALCE20V8H-7PC/5
Giải thích chi tiết về linh kiện  EE CMOS 24-Pin Universal Programmable Array Logic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE20V8H-7PC/5 bảng dữ liệu(HTML) 21 Page - Lattice Semiconductor

Back Button PALCE20V8H-7PC/5 Datasheet HTML 17Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 18Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 19Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 20Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 21Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 22Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 23Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 24Page - Lattice Semiconductor PALCE20V8H-7PC/5 Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PALCE20V8 Family
21
ENDURANCE CHARACTERISTICS
The PALCE20V8 is manufactured using Vantis’ advanced electrically-erasable (EE) CMOS process.
This technology uses an EE cell to replace the fuse link used in bipolar parts. As a result, the
device can be erased and reprogrammed—a feature which allows 100% testing at the factory.
ROBUSTNESS FEATURES
The PALCE20V8X-X/5 have some unique features that make them extremely robust, especially
when operating in high-speed design environments. Pull-up resistors on inputs and I/O pins
cause unconnected pins to default to a known state. Input clamping circuitry limits negative
overshoot, eliminating the possibility of false clocking caused by subsequent ringing. A special
noise filter makes the programming circuitry completely insensitive to any positive overshoot
that has a pulse width of less than about 100 ns for the /5 versions.
Symbol
Parameter
Test Conditions
Value
Unit
tDR
Min Pattern Data Retention Time
Max Storage Temperature
10
Years
Max Operating Temperature
20
Years
N
Max Reprogramming Cycles
Normal Programming Conditions
100
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com