| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISPMACH4ACPLDFAMILY bảng dữ liệu(PDF) 32 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ISPMACH4ACPLDFAMILY bảng dữ liệu(HTML) 32 Page - Lattice Semiconductor |
|
32 / 62 page ![]() 32 ispMACH 4A Family BLOCK DIAGRAM – M4A(3,5)-256/128 Block B I/O8–I/O15 CLK0–CLK3 I/O48–I/O55 Block G I/O72–I/O79 Block J I/O64–I/O71 Block I I0–I13 I/O56–I/O63 Block H Block A I/O0–I/O7 Block O I/O112–I/O119 Block P I/O120–I/O127 Block C I/O16–I/O23 Block D I/O24–I/O31 Block E I/O32–I/O39 Block F I/O40–I/O47 I/O104–I/O111 Block N I/O96–I/O103 Block M I/O88–I/O95 Block L I/O80–I/O87 Block K I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 68 X 90 AND Logic Array and Logic Allocator Output Switch Matrix 14 4 4 8 16 8 4 16 24 8 16 16 34 4 4 8 24 34 4 8 8 16 16 4 4 16 16 8 24 34 4 8 8 16 16 4 4 16 16 4 4 8 34 24 16 16 8 16 8 4 16 4 4 34 24 16 16 8 16 16 4 8 8 4 4 34 24 16 16 8 16 16 4 8 8 4 4 8 34 24 16 16 8 16 8 4 16 8 16 8 4 16 24 8 16 16 34 4 4 8 16 8 4 16 24 8 16 16 34 4 4 8 24 34 4 8 8 16 16 4 4 16 16 8 24 34 4 8 8 16 16 4 4 16 16 4 4 8 34 24 16 16 8 16 8 4 16 4 4 34 24 16 16 8 16 16 4 8 8 4 4 34 24 16 16 8 16 16 4 8 8 4 4 8 34 24 16 16 8 16 8 4 16 8 16 8 4 16 24 8 16 16 34 4 4 17466G-024 |