| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1535 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1535 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 39 page ![]() Rebuilding the bootloaders UM1535 32/39 Doc ID 023036 Rev 2 7.2 U-Boot The default U-Boot provided as pre-flashed on all SPEAr evaluation boards, as well as binary image on ST Web site for upgrades, is built for serial NOR Flash. If needed, the U-Boot firmware image has to be rebuilt taking into account each specific embedded MPU and Flash memory type. Therefore, there are many cases and relevant commands as described below. EVALSPEAR300 To rebuild U-Boot on a Linux host PC, run the following commands: $ make mrproper $ make ARCH=arm CROSS_COMPILE=armv5-linux- spear300_config $ make ARCH=arm CROSS_COMPILE=armv5-linux- EVALSPEAR310 $ make mrproper $ make ARCH=arm CROSS_COMPILE=armv5-linux- spear310_config $ make ARCH=arm CROSS_COMPILE=armv5-linux- EVALSP320SCPU + PLC Expansion Board $ make mrproper $ make ARCH=arm CROSS_COMPILE=armv5-linux- spear320_config $ make ARCH=arm CROSS_COMPILE=armv5-linux- EVALSP320SCPU + HMI Expansion Board $ make mrproper $ make ARCH=arm CROSS_COMPILE=armv5-linux- spear320_hmi_config $ make ARCH=arm CROSS_COMPILE=armv5-linux- EVALSPEAR600 $ make mrproper $ make ARCH=arm CROSS_COMPILE=armv5-linux- spear600_config $ make ARCH=arm CROSS_COMPILE=armv5-linux- EVALSP1340CPU $ make mrproper $ make ARCH=arm CROSS_COMPILE=armv7-linux- spear1300_config $ make ARCH=arm CROSS_COMPILE=armv7-linux- EVALSP1310CPU $ make mrproper $ make ARCH=arm CROSS_COMPILE=armv7-linux- spear1310_config $ make ARCH=arm CROSS_COMPILE=armv7-linux- |