| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1535 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1535 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 39 page ![]() Working with customized kernels UM1535 28/39 Doc ID 023036 Rev 2 6 Working with customized kernels When working with SPEAr evaluation boards, making modifications to supplied Linux kernel is only needed when: ● Changing kernel configuration, by enabling or disabling some options or features ● Developing new drivers on top of existing ones, in order to interface peripherals that can be added through custom add-on boards connected to SPEAr evaluation boards (where applicable) ● Rewriting partially or totally some existing reference device drivers (for example, for further optimization or special needs) ● Developing custom kernel modules The use of kernel-level software with hardware platforms other that SPEAr evaluation boards is not discussed in this section. When working at kernel level, developers are concerned with the kernel source code tree from which a single binary image file must be generated by "rebuilding" the kernel. The main tasks to be performed are: ● Kernel reconfiguration ● Kernel rebuild ● Kernel loading and execution on a target evaluation board (different possible workflows) For general information about Linux kernel, please refer to public Linux documentation. For the path to the LSP source code, please see the release notes. 6.1 Reconfiguring the kernel The kernel configuration is managed with standard Linux kernel configuration tools, like "make menuconfig". Each SPEAr evaluation board has a default kernel configuration file in the kernel source tree directory arch/arm/configs, as shown in following table: Table 2. Kernel configuration files Evaluation board Kernel configuration file EVALSP1340CPU / EVALSP1310CPU Spear13xx_defconfig EVALSPEAR300 /EVALSPEAR310 / EVALSP320SCPU Spear3xx_defconfig EVALSPEAR600 Spear6xx_defconfig |