| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1535 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1535 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 39 page ![]() Working with pre-flashed software UM1535 18/39 Doc ID 023036 Rev 2 Please be sure to disable your firewall or setup new firewall rules in order to enable DHCP/TFTP traffic. 2.9 Updating the pre-flashed software This section focuses on updating the contents of serial NOR Flash with default binary images available on ST Web site. It also focuses on updating NAND Flash. Updating the contents of Flash memory on SPEAr evaluation boards is a recommended step. It is possible to update the pre-flashed software delivered by default with a SPEAr evaluation board without installing the STLinux distribution. The procedure for the update involves the installation and use of the USB Flasher tool provided by ST. This tool is a graphical interactive application, which can be downloaded from ST company site, which also provides download for updated binary images (for each evaluation board type) to be used with the USB Flasher. The use of the USB Flasher for other purposes and scenarios is explained in the help pages embedded in the tool itself. 2.9.1 Installing the USB Flasher The USB flasher tool must be installed on a Windows PC. Before setting up the flasher tool, download and install an updated TCL package. The recommended TCL software is ActiveTCL, available free of charge. The latest TCL version (8.5) can be downloaded from the following supplier site: http://www.activestate.com/activetcl/ |