công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4457 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện AN4457
Giải thích chi tiết về linh kiện  Implementing an emulated universal asynchronous receiver transmitter on STM32F4 microcontroller series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4457 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button AN4457 Datasheet HTML 14Page - STMicroelectronics AN4457 Datasheet HTML 15Page - STMicroelectronics AN4457 Datasheet HTML 16Page - STMicroelectronics AN4457 Datasheet HTML 17Page - STMicroelectronics AN4457 Datasheet HTML 18Page - STMicroelectronics AN4457 Datasheet HTML 19Page - STMicroelectronics AN4457 Datasheet HTML 20Page - STMicroelectronics AN4457 Datasheet HTML 21Page - STMicroelectronics AN4457 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Example
AN4457
18/24
DocID026046 Rev 1
3
Example
The example provided in STSW-STM32156 illustrates data exchange between the UART
emulator and the hardware UART.
3.1
Hardware requirements
The hardware required to run this example is the following:
•
Two Nucleo boards (NUCLEO-F401RE)
•
Two Mini-USB cables to power the boards and to connect the Nucleo embedded ST-
LINK for debugging and programming.
The connection between the two Nucleo boards through UART lines is described in Figure 9
and Table 4.
Figure 9. UART emulator and UART HW connection
Table 4. UART Emulator and UART hardware connection
Nucleo board A (UART emulator)
Nucleo board B (hardware UART)
UART TX (PC10)
UART RX (PA10)
UART RX (PC11)
UART TX (PA9)
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24