| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4457 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4457 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 24 page ![]() DocID026046 Rev 1 17/24 AN4457 Software description 23 2.4.3 UART main functions This section provides a set of functions ensuring UART transmission/reception emulation. Callback functions are also available. They allow the user to implement his own code in the user file. Table 3. Callback functions Table 2. Transmission/reception functions Function Parameters Description HAL_UART_Emul_Transmit_DMA (UART_Emul_HandleTypeDef *huart, uint8_t *pData, uint16_t Size) huart: UART Emulator handle pData: Pointer to data buffer Size: Amount of data to be sent Sends data HAL_StatusTypeDef HAL_UART_Emul_Receive_DMA (UART_Emul_HandleTypeDef *huart, uint8_t *pData, uint16_t Size) huart: UART Emulator handle pData: Pointer to data buffer Size: Amount of data to be received Receives data Function Parameters Description __weak void HAL_UART_Emul_TxCpltCallback (UART_Emul_HandleTypeDef *huart) huart: UART Emulator handle This function is called at the end of transmit process. __weak void HAL_UART_Emul_RxCpltCallback (UART_Emul_HandleTypeDef *huart) huart: UART Emulator handle This function is called at the end of receive process. __weak void HAL_UART_Emul_ErrorCallback (UART_Emul_HandleTypeDef *huart) huart: UART Emulator handle This function is called when a communication error is detected. |