| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4141 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4141 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 42 page ![]() How to use the STM32W108xx standard peripheral library AN4141 36/42 DocID023425 Rev 2 4 How to use the STM32W108xx standard peripheral library This section describes the steps to be followed to use the STM32W108xx standard peripheral library. • Create a project and set up all your toolchain's startup files (or use the template project provided within the library) • Select the startup file depending on the used product, only one startup file should be selected at a time: – startup_stm32w108xx.s/.c • The library entry point is “stm32w108xx.h”. It should be included in the application main and configured: – Select the target product family, comment/uncomment the right define: /** Uncomment the line below according to the target STM32 device used in your * application */ #if !defined (STM32W108C8) && !defined (STM32W108CB) && !defined (STM32W108CC) && !defined (STM32W108CZ) && !defined (STM32W108HB) /* #define STM32W108C8 */ /*!< STM32W108C8: 64k FLASH */ /* #define STM32W108CB */ /*!< STM32W108CB: 128k FLASH */ /* #define STM32W108CC */ /*!< STM32W108CC: 256k FLASH */ /* #define STM32W108CZ */ /*!< STM32W108CZ: 192k FLASH */ /* #define STM32W108HB */ /*!< STM32W108HB: 128k FLASH */ #endif /** Tip: To avoid modifying this file each time you need to switch between these * devices, you can define the device in your toolchain compiler preprocessor. */ #if !defined (STM32W108C8) && !defined (STM32W108CB) && !defined (STM32W108CC) && !defined (STM32W108CZ) && !defined (STM32W108HB) #error "Please select first the target STM32W108XX device used in your application (in stm32w108xx.h file)" #endif |