| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4141 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4141 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 42 page ![]() HAL to StdPeriph_Lib list of changes AN4141 34/42 DocID023425 Rev 2 3.3.10 SLPTimer The STM32W108 integrates a 32-bit timer dedicated to system timing and waking from sleep at specific times. The following table provides an overview of the StdPeriph functions that enable a standard use of the Sleep timer features. Table 20. STM32W108xx SLPTimer driver overview StdPeriph_Driver API Functionality description SLPTIM_DeInit(void) Deinitializes the SLPTIM peripheral registers to their default reset values SLPTIM_Init() Initializes the SLPTIM Time peripheral according to the specified parameters in SLPTIM_InitStruct WDG_DebugConfig() Status of WDG timer while in debug mode (running or paused) SLPTIM_StructInit() Fills each SLPTIM_InitStruct member with its default value SLPTIM_Cmd() Enables or disables the Sleep Timer SLPTIM_SetCompareA() Sets the SLPTIM Compare A Register value SLPTIM_SetCompareB() Sets the SLPTIM Compare B Register value SLPTIM_GetCounter() Gets the SLPTIM Counter value SLPTIM_GetCounterHigh() Gets the SLPTIM Counter high value SLPTIM_GetCounterLow() Gets the SLPTIM Counter low value SLPTIM_ForceIT() Forces the specified SLPTIM interrupts SLPTIM_GetCounterHigh() Gets the SLPTIM Counter high value SLPTIM_GetCounterLow() Gets the SLPTIM Counter low value SLPTIM_ForceIT() Forces the specified SLPTIM interrupts SLPTIM_ITConfig() Enables or disables the specified SLPTIM interrupts SLPTIM_GetFlagStatus() Checks whether the specified SLPTIM flag is set or not SLPTIM_ClearFlag() Clears the specified SLPTIM flag SLPTIM_GetITStatus() Checks whether the specified SLPTMR pending interrupt has occurred or not SLPTIM_ClearITPendingBit() Clears the specified SLPTIM flag |