| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3224 bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3224 bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 49 page ![]() AN3224 PR101-USB and MR101-USB reader detection Doc ID 17559 Rev 2 21/49 Dim strDeviceHnd(0 To 15) As String * 8 Dim strPresent(0 To 15) As String * 25 Dim strDeviceID(0 To 15) As String * 8 Dim dwHandle As Long Dim iHandle As Long 'init display ‘txtDetectResult.Text = "" oSearch.iMask = 0 '--- Clear Scan List (dll function) FEUSB_ClearScanList ' should be called before every scan process '--- scan and open in one process (dll function) DeviceHnd = FEUSB_Scan(FEUSB_SCAN_ALL, oSearch) If (DeviceHnd = FEUSB_ERR_NO_DEVICE_FOUND) Then '--- txtScannedReaders.Text = "NO READER DETECTED" Else '---Number of USB device connected lngReaderNumber = FEUSB_GetScanListSize For i = 1 To lngReaderNumber '--- Get System parameters of all detected USB devices error = FEUSB_GetScanListPara(0, "DeviceHnd", strDeviceHnd(i)) error = FEUSB_GetScanListPara(0, "FamilyName", strFamilyName(i)) error = FEUSB_GetScanListPara(0, "DeviceName", strDeviceName(i)) error = FEUSB_GetScanListPara(0, "Present", strPresent(i)) error = FEUSB_GetScanListPara(0, "Device-ID", strDeviceID(i)) '--- decode lngDeviceHnd(i) value CharCnt = 0 lngDeviceHnd(i) = 0 For Cnt = 1 To 8 Char = UCase(Mid(strDeviceHnd(i), 9 - Cnt, 1)) If ((Char >= "0") And (Char <= "9")) Then lngDeviceHnd(i) = lngDeviceHnd(i) + (Asc(Char) - 48) * _ (16 ^ CharCnt) CharCnt = CharCnt + 1 End If If ((Char >= "A") And (Char <= "F")) Then lngDeviceHnd(i) = lngDeviceHnd(i) + (Asc(Char) - 55) * _ (16 ^ CharCnt) CharCnt = CharCnt + 1 End If Next Cnt '--- decode strFamilyName(i) value strFamilyName(i) = "" For Cnt = 1 To 25 Char = UCase(Mid(strFamilyName(i), Cnt, 1)) If (((Char >= "0") And (Char <= "9")) Or _ ((Char >= "A") And (Char <= "Z")) Or _ |