| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3224 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3224 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 49 page ![]() PR101-USB and MR101-USB reader detection AN3224 14/49 Doc ID 17559 Rev 2 4.1.2 FEUSB_Scan FEUSB_Scan Visual Basic prototype Table 3 illustrates the FEUSB_Scan Visual Basic function. Table 3. FEUSB_Scan Visual Basic function Function description Declaration Public Declare Function FEUSB_Scan Lib "FEUSB.DLL" (ByVal iScanOpt As Long, oSearchOpt As FEUSB_SCANSEARCH) As Long Prototype Dim SearchOpt As FEUSB_SCANSEARCH lngScanValue = FEUSB_Scan(FEUSB_SCAN_ALL, SearchOpt) Parameters iScanOpt: FEUSB_SCAN_FIRST: performs a search for the first device registered by the PC FEUSB_SCAN_NEXT: performs a search for the next device registered by the PC FESUB_SCAN_NEW : performs a search for a new connected device FEUSB_SCAN_ALL: performs a search for all devices connected to the USB port. FEUSB_SCAN_SEARCh: this parameter can be added to FEUSB_SCAN_ALL to perform a search for a specific device. oSearchOpt: This parameter contains the parameters of all the USB devices detected on the PC USB port. Returned value 0: for FEUSB_SCAN_FIRST or FEUSB_SCAN_ALL if at least one USB device have been detected Index of the detected device if any: for FEUSB_SCAN_NEXT and FEUSB_SCAN_NEW Otherwise FEUSB error code Example IngScanValue = FEUSB_Scan (FEUSB_SCAN_ALL, FEUSB_SCAN_SEARCh, oSearchOpt) with oSearchOpt containing the indentifier of a specific device to be searched for. |