công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3150 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện AN3150
Giải thích chi tiết về linh kiện  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  AN3150 Datasheet HTML 1Page - STMicroelectronics AN3150 Datasheet HTML 2Page - STMicroelectronics AN3150 Datasheet HTML 3Page - STMicroelectronics AN3150 Datasheet HTML 4Page - STMicroelectronics AN3150 Datasheet HTML 5Page - STMicroelectronics AN3150 Datasheet HTML 6Page - STMicroelectronics AN3150 Datasheet HTML 7Page - STMicroelectronics AN3150 Datasheet HTML 8Page - STMicroelectronics AN3150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID17048 Rev 3
5/25
AN3150
Capacitive sensing overview
24
1
Capacitive sensing overview
1.1
Capacitive sensing system equivalent circuit
To better understand the behavior of a proximity sensor, we need to consider Figure 1 as
the basic equivalent circuit of a single electrode sensor. It contains two signal references:
ground and earth.
Figure 1. Equivalent capacitive circuit of a surface capacitive sensor
Ground is the application reference voltage, while earth represents the surrounding potential
at the voltage of the user’s body. Usually, this is the equipotential of the earth prong, the
third terminal on power outlets.
In Figure 1, CT represents the capacitance created by a finger or a body proximity. This is
the source of the useful signal and the variable part of the capacitance. It is referred to as
the earth potential.
CX represents the parasitic capacitance of the electrode. It is composed of all the
capacitances between the electrodes and the application ground that are not impacted by
the finger or body proximity. The sensing device input pin capacitance and the stray
capacitance on the application PCB are the two elements of CX.
CF is the feedback capacitance between earth and the application ground. Its value varies
greatly from one application to another and influences considerably the sensitivity of the
capacitive sensor.
ai17440V2
Application
Electrode
CX
CT
CF
Earth
Application ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com